Part Number Hot Search : 
1210F 10D20 74HCT37 SK382 SC1159 N5353B BDV64A 6TRPB
Product Description
Full Text Search
 

To Download HER251 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  high efficiency rectifier voltage range 50 to 1000 volts HER251 thru her258 current 2.5ampere e-mail: sales@cnmic.com web site: www.cnmic.com features low coat construction fast switching for high efficency. low reverse leakage high forward surge current capability high temperature soldering guaranteed: 260 /10 secods/.375 (9.5mm)lead length at 5 lbs(2.3kg) tension mechanical data case: transfer molded plastic epoxy: ul94v-o rate flame retardant polarity: color band denotes cathode end lead: plated axial lead, solderable per mil-std-202e method 208c mounting position: any weight: 0.020ounce, 0.56 grams maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified single phase, half wave, 60hz, resistive or inductive load for capacitive load derate current by 20% symbols her 251 her 252 her 253 her 254 her 255 her 256 her 257 her 258 units maximum repetitive peak reverse voltage v rrm 50 100 200 300 400 600 800 1000 volts maximum rms voltage v rms 35 70 140 210 280 420 560 700 volts maximum dc blocking voltage v dc 50 100 200 300 400 600 800 1000 volts maximum average forward rectified current 0.375 (9.5mm) lead length at t a = 50 i (av) 2.5 amp peak forward surge current 8.3ms single half sine wave superimposed on rated load (jedec method) i fsm 100 amps maximum instantaneous forward voltage @ 2.5a v f 1.0 1.3 1.5 1.7 volts t a = 25 5.0 maximum dc reverse current at rated dc blocking voltage t a = 125 i r 250 a maximum full load recovery current,full cycle average 0.375 (9.5mm)lead length at tl=55 ir (av) 100 a maximum reverse recovery time test conditions if=0.5a,ir=1.0a,irr=0.25a trr 50 75 ns typical thermal resistance (note 2) c j 30 35 pf typical thermal resistance(note 1) r ja 35 /w operating junction temperature range t j (-55 to +150) storage temperature range t stg (-55 to +150) notes: 1 thermal resistance from junction to ambient with .375 (9.5mm)lead length, pcb. mounted. . 2. measured at 1.0 mhz and applied reverse of 4.0 v r-3 dia. .042(1.1) .038(0.96) dia. .160(4.1) .138(3.5) .160(4.1) .138(3.5) 1.0(25.4) min. 1.0(25.4) min. dimensions in inches and (millimeters)
high efficiency rectifier voltage range 50 to 1000 volts HER251 thru her258 current 2.5ampere e-mail: sales@cnmic.com web site: www.cnmic.com characteristics fig.4-typical reverse derating curve fig.1-typical forward current 150 175 125 75 100 2.0 50 1.0 0 0 single phase inductive load half wave 60hz resistive or 25 a v e r a g e f o r w a r d c u r r e n t , ( a ) ambient temperature, ( c) 0.375"(9.5mm)lead length forward characteristics fig.3-typical instantaneous 4 6 40 forward surge current (jedec method) tj=tjmax 8.3ms single half sine-wave number of cycles at 60 hz p e a k f o r w a r d s u r g e c u r r e n t , ( a ) 0 1 50 100 150 28 102060 100 fig.2-maximum non-repetitive peak 1 cycle fig.6-test circuit diagram and reverse rexovery time characteristic note: 1.rise time =7ns max.input impedance=1megohm.22pf 2.rise time=10ns max.source impedance=50 ohms set time base for 50 /100ns /cm -1.0a 0.25a 0 +0.5a oscilloscope (note 1) pulse generatior (note 2) (-) 1 non inductive 10 noninductive 50 noninductive d . u.t (-) approx 25 vdc (+) 100 1.2 tj =25 c 1.0 0.8 0.6 0.4 1% duty cycle pulse width=300us 1.0 0.01 ( a ) ( a ) instantaneous forward voltage,(v) i n s t a n t a n e o u s f o r w a r d c u r r e n t , 1.41.61.8 10 100 80 40 60 100 10 1.0 20 0 ( u a ) percent of rated peak reverse voltage,(%) i n s t a n t a n e o u s r e v e r s e c u r r e n t , 140 120 t =25 c j 0.1 j t =125 c trr 1cm 3.0 5 0 / 1 0 0 / 2 0 0 v 3 0 0 / 4 0 0 v 6 0 0 v 8 0 0 v 1 0 0 0 v vsig=50mvp-p j u n c t i o n c a p a c i t a n c e , ( p f ) tj=25 c f=1mhz reverse voltage,(v) 1 0.1 1.0 10 fig.5-typical junction capacitance 100 h e r 2 5 6 - h e r 2 5 8 h e r 2 5 1 - h e r 2 5 5 100 10 rating and chracteristic curves HER251 thru her258


▲Up To Search▲   

 
Price & Availability of HER251

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X